Part Number Hot Search : 
00R12K C5532 P18N50 CEB6020P P6KE51 F1206 AN7560Z 1772845
Product Description
Full Text Search
 

To Download 2N3906 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N3905, 2N3906 PNP
Version 2004-01-20
Switching Transistors Si-Epitaxial PlanarTransistors PNP
Power dissipation - Verlustleistung Plastic case Kunststoffgehause Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert
Standard Pinning 1=C 2=B 3=E
625 mW TO-92 (10D3) 0.18 g
Standard packaging taped in ammo pack Standard Lieferform gegurtet in Ammo-Pack
Maximum ratings (TA = 25/C) Collector-Emitter-voltage Collector-Base-voltage Emitter-Base-voltage Power dissipation - Verlustleistung Collector current - Kollektorstrom (dc) Peak collector current - Kollektorspitzenstrom Junction temp. - Sperrschichttemperatur Storage temperature - Lagerungstemperatur B open E open C open - VCE0 - VCE0 - VEB0 Ptot - IC - ICM Tj TS
Grenzwerte (TA = 25/C) 2N3905, 2N3906 40 V 40 V 5V 625 mW 1) 100 mA 200 mA 150/C - 55...+ 150/C
Characteristics (Tj = 25/C) Min. Collector saturation volt. - Kollektor-Sattigungsspannung - IC = 10 mA, - IB = 1 mA - IC = 50 mA, - IB = 5 mA - IC = 10 mA, - IB = 1 mA - IC = 50 mA, - IB = 5 mA Collector cutoff current - Kollektorreststrom - VCE = 30 V, - VEB = 3 V Emitter cutoff current - Emitterreststrom - VCE = 30 V, - VEB = 3 V - IEBV - - ICEV - - VCEsat - VCEsat - VBEsat - VBEsat - - - -
Kennwerte (Tj = 25/C) Typ. - - - - - - Max. 250 mV 400 mV 850 mV 950 mV 50 nA 50 nA
Base saturation voltage - Basis-Sattigungsspannung
1
) Valid, if leads are kept at ambient temperature at a distance of 2 mm from case Gultig, wenn die Anschludrahte in 2 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden
32
General Purpose Transistors
2N3905, 2N3906
Characteristics (Tj = 25/C) Min. DC current gain - Kollektor-Basis-Stromverhaltnis - VCE = 1 V, - IC = 0.1 mA - VCE = 1 V, - IC = 1 mA - VCE = 1 V, - IC = 10 mA - VCE = 1 V, - IC = 50 mA - VCE = 1 V, - IC = 100 mA 2N3905 2N3906 2N3905 2N3906 2N3905 2N3906 2N3905 2N3906 2N3905 2N3906 2N3905 2N3906 hFE hFE hFE hFE hFE hFE hFE hFE hFE hFE fT fT CCB0 CEB0 F F ton toff 30 60 40 80 50 100 30 60 15 30 200 MHz 250 MHz - - - - - - RthA
Kennwerte (Tj = 25/C) Typ. - - - - - - - - - - - - - - - - - - Max. - - - - 150 300 - - - - - - 4.5 pF 10 pF 5 dB 4 dB 70 300 200 K/W 1) 2N3903, 2N3904
Gain-Bandwidth Product - Transitfrequenz - VCE = 20 V, - IC = 10 mA, f = 100 MHz
Collector-Base Capacitance - Kollektor-Basis-Kapazitat - VCB = 5 V, IE = ie = 0, f = 100 kHz - VEB = 0.5 V, IC = ic = 0, f = 100 kHz Noise figure - Rauschzahl - VCE = 5 V, - IC = 100 :A 2N3905 RG = 1 kS f = 10 Hz ...15.7 kHz 2N3906 Switching times - Schaltzeiten turn-on time turn-off time ICon = 10 mA, IBon = - IBoff = 1 mA Emitter-Base Capacitance - Emitter-Basis-Kapazitat
Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Recommended complementary NPN transistors Empfohlene komplementare NPN-Transistoren
1
) Valid, if leads are kept at ambient temperature at a distance of 2 mm from case Gultig, wenn die Anschludrahte in 2 mm Abstand von Gehause auf Umgebungstemperatur gehalten werden
33


▲Up To Search▲   

 
Price & Availability of 2N3906

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X